PART |
Description |
Maker |
SR760 SR750 SR735 SR745 |
Datamate J-Tek DIL Female Vertical SMT Connector, gold clip tin/lead shell, with Hex Socket jackscrews, 5 5-way Datamate J-Tek DIL Female Vertical SMT Connector, gold clip tin shell, with Hex Socket jackscrews, 5 5-way, pick & place cap 7.5 AMPS. SCHOTTKY BARRIER RECTIFIERS
|
济南固锝电子器件有限公司 JGD[Jinan Gude Electronic Device]
|
SR206 SR202 SR203 SR204 |
Datamate Trio-Tek DIL Female Housing, with Reverse Fix jackscrews, 5 5-way 2 Amp Schottky Barrier Rectifier 20 - 60 Volts
|
Micro Commercial Components Corp. MCC[Micro Commercial Components]
|
M80-4111401 |
Datamate J-Tek DIL Female Vertical 4.5mm PC Tail Connector, gold clip tin/lead shell, no jackscrews, 7 7-way 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-4024005 M80-4023605 |
Datamate J-Tek DIL Female Vertical SMT Connector, gold clip gold shell, with jackscrews, 20 20-way 40 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Female Vertical SMT Connector, gold clip gold shell, with jackscrews, 18 18-way 36 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin PLC
|
M80-8500845 |
Datamate L-Tek DIL Female Vertical 3mm PC Tail Connector, gold clip gold shell, 4 4-way 8 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
|
Harwin PLC
|
M80-4633405 M80-4630642 |
Datamate J-Tek DIL Female Small Bore Crimp Connector, gold clip gold shell, with reverse fix jackscrews board mount, 17 17-way 34 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP Datamate J-Tek DIL Female Small Bore Crimp Connector, gold clip tin shell, with reverse fix jackscrews board mount, 3 3-way 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-8281006 M80-8281022 M80-8281042 M80-8281045 M8 |
DATAMATE DIL VERTICAL SMT PLUG ASSEMBLY - LATCHED Datamate L-Tek DIL Male Vertical SMT Connector, latched, selective gold tin/lead, 3 3-way 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG Datamate L-Tek DIL Male Vertical SMT Connector, latched, tin/lead, 13 13-way 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG Datamate L-Tek DIL Male Vertical SMT Connector, latched, tin, 8 8-way
|
Harwin Plc HARWIN INC
|
M80-8881805 |
Datamate L-Tek DIL Female Small Bore Crimp Connector, gold clip gold shell, 9 9-way 18 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET
|
Harwin PLC
|
M80-8261646 M80-8260806 M80-8260406 M80-8260422 M8 |
DATAMATE 2mm PITCH VERTICAL SMT DIL PLUG ASSEMBLY - UNLATCHED Datamate L-Tek DIL Male Vertical SMT Connector, unlatched, tin/lead, 7 7-way 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG Datamate L-Tek DIL Male Vertical SMT Connector, unlatched, tin/lead, 2 2-way 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG
|
Harwin Plc http://
|
M80-4002001 M80-4004042 |
Datamate J-Tek DIL Female Vertical 3mm PC Tail Connector, gold clip tin/lead shell, with jackscrews, 10 10-way 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 40 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC HARWIN INC
|
M80-5L12622M5-00-000-00-000 M80-5L13842M5-00-000-0 |
Datamate J-Tek DIL Male Horizontal 3mm PC Tail Connector, selective gold tin/lead, with jackscrews 5mm board mount, 13 13-way 26 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Horizontal 3mm PC Tail Connector, selective gold tin, with jackscrews 5mm board mount, 19 19-way 38 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Horizontal 3mm PC Tail Connector, selective gold tin, with jackscrews 5mm board mount, 17 17-way 34 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Horizontal 3mm PC Tail Connector, selective gold tin, with jackscrews 5mm board mount, 22 22-way 44 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Horizontal 3mm PC Tail Connector, selective gold tin/lead, with jackscrews 5mm board mount, 17 17-way
|
Harwin PLC HARWIN INC
|
|